PART |
Description |
Maker |
GSB316431CEU |
USB 3.0 CONNECTOR STANDARD A TYPE, PLUG R/A SMT
|
Amphenol Corporation
|
CY7C68013A CY7C68013A-100AC CY7C68013A-128AXC CY7C |
CAC 2C 2#12 PIN PLUG 8-BIT, EEPROM, 48 MHz, MICROCONTROLLER, PQFP128 Light Pipe; Mounting Hole Dia:3.5mm; Material:Polycarbonate; Length:10.2mm; Color:Clear; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes EZ-USB FX2LP USB Microcontroller EZ-USB FX2LP(TM) USB Microcontroller High-Speed USB Peripheral Controller
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp.
|
10-00003 |
Cable, 102 mm, USB A receptacle to mini USB A plug, round cord, white
|
Tensility International Corp.
|
MUS-2500 |
The LevelOne MUS-2500 Smart Mobile USB Storage is an intelligent Plug-and-Play high speed USB 2.0 compatible
|
Level One
|
39-01-4037 39-01-4032 |
Multipole Connector; Gender:Male; No. of Contacts:3; Series:Mini-Fit Jr.; Body Material:Nylon 6/6; No. of Rows:1; Pitch Spacing:0.165" RoHS Compliant: Yes 3 CONTACT(S), MALE, POWER CONNECTOR, PLUG Header Connector,Cable Mnt,PLUG,3 Contacts,SKT,0.165 Pitch,POLARIZED LCK 3 CONTACT(S), MALE, POWER CONNECTOR, PLUG
|
Molex, Inc.
|
10-00244 |
Cable, 1830 mm, USB A plug to 5.5x2.5x12mm 50-00026 plug, center positive, 22 AWG, UL2468
|
Tensility International Corp.
|
10-00242 |
Cable, 1830 mm, USB A plug to 5.5x2.1x12 mm 50-00024 right angle plug, center positive, 22 AWG, UL2468
|
Tensility International Corp.
|
0480371000 48037-1000 |
Universal Serial Bus (USB) Shielded I/O Plug, Type A, Right Angle, Surface Mount, 0.76um (30u) Gold (Au) Universal Serial Bus (USB) Shielded I/O Plug, Type A, Right Angle, Surface Mount, 0.76um (30u") Gold (Au) MOLEX Connector
|
Molex Electronics Ltd.
|
74323-2001 74323-2004 |
DVI-D PLUG SUB CONN. S.C. AUN W/TRAY TELECOM AND DATACOM CONNECTOR, PLUG DVI-D Low Cost Plug Conn Sub-Assy 30u TELECOM AND DATACOM CONNECTOR, PLUG
|
Molex, Inc.
|
HIF2B-10D-2.54RA HIF2B-10D-2.54RB HIF2B-10D-2.54RS |
14 CONTACT(S), MALE, STRAIGHT DIP CONNECTOR, IDC, PLUG 16 CONTACT(S), MALE, STRAIGHT DIP CONNECTOR, IDC, PLUG 24 CONTACT(S), MALE, STRAIGHT DIP CONNECTOR, IDC, PLUG 10 CONTACT(S), MALE, STRAIGHT DIP CONNECTOR, IDC, PLUG CONNECTOR ACCESSORY 连接器附 HIF2B SERIES DIP PLUG HIF2B系列DIP插头
|
HIROSE ELECTRIC Co., Ltd. http:// Hirose Electric USA, INC.
|
|